|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PRELIMINARY DATA SHEET ECP200 2.0 WATT POWER AMPLIFIER Product Features 1800 - 2300MHz 33 dBm P1dB High Linearity: 49 dBm OIP3 High Efficiency: PAE > 50% 11 dB Linear Gain Single 5V Supply High Reliabilty Class A or AB operation Applications Basestations and Repeaters CDMA/GSM/TDMA/EDGE PCS/CDMA2000/IMT2000/UMTS Multi-carrier systems Packages Available QFN-16 (4x4mm) SOIC-8 Product Description The ECP200 is a single stage, 2.0W power amplifier that offers excellent linearity and efficiency. This device was developed using EiC's proprietary InGaP Heterojunction Bipolar Transistor (HBT) process. The devices have a 50 Ohms input impedance and pre-matched output. It is optimized for multicarriers applications and allows customers to use class A or class AB operations. The devices can be easily matched in output side to obtain the optimum power, linearity and efficiency. The product is targeted for use as driver amplifier for wireless infrastructure applications. It is available in two surface-mount plastic packages: QFN-16 (4x4mm) and SOIC-8. Electrical Specifications Test Conditions: Ta = 25 C, VCC = +5 V Icq = 800 mA (class A operation) SYMBOL F G P1dB OIP3 ACPR1 PARAMETER Frequency Gain (Small Signal) Output Power @ 1dB Compression Output Third Order Intercept Pout = 24.5dBm (WCDMA) Gain Flatness (120MHz Band) RL in RL out Icop Vde Input Return Loss, 50 Ohm Output Return Loss, 50 Ohm Operational Current @ P1dB Device Voltage f = 1960MHz f = 2140MHz f = 1960MHz f = 2140MHz f = 1960MHz f = 2140MHz f = 2140MHz f = 2140MHz f = 2000MHz f = 2000MHz MIN. 1800 11.0 10.5 33.0 33.0 49.0 48.0 -45 0.5 8.0 10.0 950 5.0 LIMITS TYP. MAX. 2300 UNIT MHz dB dBm dBm dBc dB dB dB mA Vdc Note 1 Note 2 TEST CONDITION o Note 1: OIP3 = Pout (by power meter, total 2-tone power) + (IM3(dB))/2) - 3dB Note 2: ACPR measured for 3GPP test model 1, 64 DPCH. Channel Bandwidth = 3.84MHz. Frequency offset: +/- 5MHz. CAUTION! SENSITIVE ELECTRONIC DEVICE EiC Corp. A Subsidiary of EiC Enterprises, Ltd. 45738 Northport Loop West, Fremont, CA 94538 Phone: (510) 979-8999 Fax: (510) 979-8902 www.eiccorp.com Revision A SS-000536-000 1 PRELIMINARY DATA SHEET ECP200 2.0 WATT POWER AMPLIFIER Absolute Maximum Ratings PARAMETER Supply Voltage Supply Current RF Power Input Storage Temperature Ambient Operating Temperature Absolute Maximum DC Power RATING 8 1400 +28 -65 to +150 -40 to +85 4 UNIT Volts mA dBm C C Watts Note: Exceeding any of the absolute maximum ratings may cause permanent damage to the device. Note: Do not exceed more than one parameter at the same time. QFN-16 (4x4mm) Package Outline Package DEVICE MARKING Pin Definitions PIN 1 2,4-5, 9, 12-15 3 10,11 16 FUNCTION DEFINITION Vref/pd This pin sets the reference / quiescient current. These pins provide ground as well as the slug which is required for heat sinking. GND RF in RF out Vbias This pin connects to the input of the amplifier. It will have a dc voltage around 1.25 to 1.3 VDC. External circuit should provide DC blocking. These are the output pins, which connects to the collector of the transistor. On the PCB, the two pins should also be tied together. Vcc connects to these through an inductor. A DC blocking capacitor is required. This pin provides current to the bias circuit , typically Vbias = Vcc. Bypass capacitors should be placed as close as practically possible to this pin. Revision A SS-000536-000 EiC Corp. A Subsidiary of EiC Enterprises, Ltd. 45738 Northport Loop West, Fremont, CA 94538 Phone: (510) 979-8999 Fax: (510) 979-8902 www.eiccorp.com 2 PRELIMINARY DATA SHEET ECP200 2.0 WATT POWER AMPLIFIER SOIC-8 Package Outline 0.080 8765 0.2360.008 1 234 EXPOSED DIE PAD 0.080 0.050 BSC 0.0160.003 BOTTOM VIEW 0.0160.002 71 0.1510.002 45 0 0.0590.006 0.010 MAX 0.1540.002 0.0230.004 0.1940.003 3. UNIT = INCH 2. MOLD FLASH, PROTRUSIONS AND GATE BURRS AT THE END OF THE PACKAGE BODY SHALL NOT EXCEED 0.006" PER SIDE. 1. EXPOSED DIE PAD AREA MAY VARY. DIE PAD SIZE IS BASED ON L/F PAD SIZE. NOTES: UNLESS OTHERWISE SPECIFIED Pin Definitions PIN 1 2,4,5 3 6,7 8 FUNCTION DEFINITION Vref/pd This pin sets the reference / quiescient current. These pins provide ground as well as the slug which is required for heat sinking. GND RF in RF out Vbias This pin connects to the input of the amplifier. It will have a dc voltage around 1.25 to 1.3 VDC. External circuit should provide DC blocking. These are the output pins, which connects to the collector of the transistor. On the PCB, the two pins should also be tied together. Vcc connects to these through an inductor. A DC blocking capacitor is required. This pin provides current to the bias circuit , typically Vbias = Vcc. Bypass capacitors should be placed as close as practically possible to this pin. EiC Corp. A Subsidiary of EiC Enterprises, Ltd. 45738 Northport Loop West, Fremont, CA 94538 Phone: (510) 979-8999 Fax: (510) 979-8902 www.eiccorp.com Revision A SS-000536-000 3 PRELIMINARY DATA SHEET ECP200 2.0 WATT POWER AMPLIFIER Evaluation Board Application Schematics (4X4) 1.96GHz 2.14GHz EiC Corp. A Subsidiary of EiC Enterprises, Ltd. 45738 Northport Loop West, Fremont, CA 94538 Phone: (510) 979-8999 Fax: (510) 979-8902 www.eiccorp.com Revision A SS-000536-000 4 PRELIMINARY DATA SHEET ECP200 2.0 WATT POWER AMPLIFIER Evaluation Board Bill of Material (4X4) 2.14GHz Qty. 1.9GHz Qty. Location (See eval brd. Layout) DESIG. C1, C2 VALUE DESCRIPTION MANUFACTURER & P/N NOTE1 NOTE1 NOTE1 NOTE1 NOTE1 NOTE1 NOTE1 NOTE1 NOTE1 NOTE1 NOTE1 NOTE1 NOTE1 NOTE1 2 1 3 3 3 -1 -1 1 1 1 2 1 1 1 2 1 3 3 3 1 -1 -1 -1 1 2 1 1 1 INPUT 4|5 INPUT 6 OUTPUT 2 OUTPUT 1|2 OUTPUT 4 OUTPUT 5 100pF CAPACITOR, 0603 ROHM MCH185A101JK C3 10.0uF CAPACITOR, 2512 PANASONIC ECS-H1CC106R C4, C7, C13 18pF CAPACITOR, 0603 ROHM MCH185A180JK C5, C8, C14 1000pF CAPACITOR, 0603 ROHM MCH185C102KK C9, C6, C15 1.0uF CAPACITOR, 0603 PANASONIC ECJ-1VF1A105Z C16 C16 C17 C17 C18 C18 R1 L1 J2, J3 J1 3pF CAPACITOR, 0603 ROHM MCH185A020CK 2.7pF CAPACITOR, 0603 ROHM MCH185A2R7CK 3.9pF CAPACITOR, 0603 ROHM MCH185A3R9CK 3.9pF CAPACITOR, 0603 ROHM MCH185A3R9CK 1.5pF CAPACITOR, 0603 ROHM MCH185A1R5CK 1.5pF CAPACITOR, 0603 ROHM MCH185A1R5CK 0 RESISTOR, 0603 15 nH INDUCTOR, 0805 --------ROHM MCR03EZHJ000 CTLL 2012-15N SMA CONNECTOR EF JOHNSON 142-0701-881 RT ANG. CONN. SULLINS ELEC PZC04SGAN IC, ECP200D (4X4) EiC Corp PCB (4X4) EiC Corp 60-000523-000B Evaluation Board Layout C3 J1 Vpd Gnd C6 C5 C4 Vcc C15 C14 C13 R1 RFin C7 C8 C9 C1 L1 RFout C2 J2 9 8 7 6 5 4 3 2 1 U1 123 45 67 8 9 J3 60-000523-000B EiC Corp. A Subsidiary of EiC Enterprises, Ltd. 45738 Northport Loop West, Fremont, CA 94538 Phone: (510) 979-8999 Fax: (510) 979-8902 www.eiccorp.com Revision A SS-000536-000 5 |
Price & Availability of ECP200 |